Part Number Hot Search : 
SC440 CXA3171N TSTS7303 20037 PE9201 BS100 LTC24 120N6TR
Product Description
Full Text Search
 

To Download 2SK3685-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 v gs =-30v tch 150c l=1.25mh v cc =50v *2 vds 500v *3 ta=25c tc=25c item symbol ratings unit remarks drain-source voltage v ds 500 v dsx 500 continuous drain current i d 19 pulsed drain current i d(puls] 76 gate-source voltage v gs 30 non-repetitive i as 19 maximum avalanche current non-repetitive e as 245.3 maximum avalanche energy maximum drain-source dv/dt dv ds /dt 20 peak diode recovery dv/dt dv/dt 5 max. power dissipation p d 2.50 235 operating and storage t ch +150 temperature range t stg electrical characteristics (t c =25c unless otherwise specified) thermalcharacteristics 2SK3685-01 fuji power mosfet n-channel silicon power mosfet features high speed switching low on-resistance no secondary breadown low driving power avalanche-proof applications switching regulators dc-dc converters ups (uninterruptible power supply) maximum ratings and characteristic absolute maximum ratings (tc=25c unless otherwise specified) item symbol test conditions zero gate voltage drain current i dss v ds =500v v gs =0v v ds =400v v gs =0v v gs =30v i d =9.5a v gs =10v i d =9.5a v ds =25v v cc =300v i d =9.5a v gs =10v r gs =10 ? min. typ. max. units v v a na ? s pf nc a v s c ns min. typ. max. units thermal resistance r th(ch-c) channel to case r th(ch-a) channel to ambient 0.532 50.0 c/w c/w symbol v (br)dss v gs(th) i gss r ds(on) g fs c iss c oss c rss td (on) t r td (off) t f q g q gs q gd i av v sd t rr q rr item drain-source breakdown voltaget gate threshold voltage gate-source leakage current drain-source on-state resistance forward transcondutance input capacitance output capacitance reverse transfer capacitance turn-on time t on turn-off time t off total gate charge gate-source charge gate-drain charge avalanche capability diode forward on-voltage reverse recovery time reverse recovery charge test conditions i d = 250 a v gs =0v i d = 250 a v ds =v gs t ch =25c t ch =125c v ds =0v v ds =25v v gs =0v f=1mhz v cc =250v i d =19a v gs =10v l=1.25mh t ch =25c i f =19a v gs =0v t ch =25c i f =19a v gs =0v -di/dt=100a/s t ch =25c v v a a v a mj kv/s kv/s w c c 500 3.0 5.0 25 250 10 100 0.29 0.38 7.5 15 1560 2340 230 345 812 29 43.5 13 19.5 56 84 812 34 51 13 19.5 10 15 19 1.20 1.50 0.57 7.0 -55 to +150 outline drawings [mm] equivalent circuit schematic gate(g) source(s) drain(d) super f ap-g series 200401 < = < = *2 see to avalanche energy graph *3 i f -i d , -di/dt=50a/s, v cc bv dss , tch 150c < = < = < = 11.60.2
2 characteristics 2SK3685-01 fuji power mosfet 04812162024 0 10 20 30 40 50 7v 20v 10v 8v 6.5v vgs=6.0v id [a] vds [v] typical output characteristics id=f(vds):80 s pulse test,tch=25 c 012345678910 0.1 1 10 100 id[a] vgs[v] typical transfer characteristic id=f(vgs):80 s pulse test,vds=25v,tch=25 c 0.1 1 10 100 0.1 1 10 100 gfs [s] id [a] typical transconductance gfs=f(id):80 s pulse test,vds=25v,tch=25 c 0 10203040 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 rds(on) [ ? ] id [a] typical drain-source on-state resistance rds(on)=f(id):80 s pulse test,tch=25 c 10v 20v 8v 7v 6.5v vgs=6v -50 -25 0 25 50 75 100 125 150 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 rds(on) [ ? ] tch [ c] typ. max. drain-source on-state resistance rds(on)=f(tch):id=9.5a,vgs=10v 0 255075100125150 0 100 200 300 400 allowable power dissipation pd=f(tc) pd [w] tc [ c]
3 2SK3685-01 fuji power mosfet -50 -25 0 25 50 75 100 125 150 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 max. min. gate threshold voltage vs. tch vgs(th)=f(tch):vds=vgs,id=250 a vgs(th) [v] tch [ c] 0 102030405060 0 2 4 6 8 10 12 14 qg [nc] typical gate charge characteristics vgs=f(qg):id=19a,tch=25 c vgs [v] 400v 250v vcc= 100v 10 0 10 1 10 2 10 3 10 0 10 1 10 2 10 3 10 4 c [pf] vds [v] typical capacitance c=f(vds):vgs=0v,f=1mhz crss coss ciss 0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50 0.1 1 10 100 if [a] vsd [v] typical forward characteristics of reverse diode if=f(vsd):80 s pulse test,tch=25 c 10 -1 10 0 10 1 10 2 10 0 10 1 10 2 10 3 typical switching characteristics vs. id t=f(id):vcc=300v,vgs=10v,rg=10 ? td(on) tr tf td(off) t [ns] id [a] 0 255075100125150 0 100 200 300 400 500 600 700 i as =8a i as =12a i as =19a eav [mj] starting tch [ c] maximum avalanche energy vs. starting tch e(av)=f(starting tch):vcc=50v,i(av)<=19a
4 2SK3685-01 fuji power mosfet http://www.fujielectric.co.jp/denshi/scd/ 10 -8 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 -2 10 -1 10 0 10 1 10 2 single pulse maximum avalanche current pulsewidth i av =f(t av ):starting tch=25 c,vcc=50v avalanche current i av [a] t av [sec] 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 -3 10 -2 10 -1 10 0 10 1 maximum transient thermal impedance zth(ch-c)=f(t):d=0 zth(ch-c) [c/w] t [sec]


▲Up To Search▲   

 
Price & Availability of 2SK3685-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X